Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL220 Datasheet(HTML) 2 Page - Supertex, Inc

  CL220 Datasheet HTML 1Page - Supertex, Inc CL220 Datasheet HTML 2Page - Supertex, Inc CL220 Datasheet HTML 3Page - Supertex, Inc CL220 Datasheet HTML 4Page - Supertex, Inc CL220 Datasheet HTML 5Page - Supertex, Inc CL220 Datasheet HTML 6Page - Supertex, Inc CL220 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL220
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Ordering Information
Device
Package Options
TO-252 (D-PAK)
TO-220
CL220
CL220K4-G
CL220N5-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Operating voltage, V
A-B
240V
Operating junction temperature, T
J
-40°C to +125°C
Storage temperature, T
S
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configurations
Sym
Parameter
Min
Typ
Max Units Conditions
Thermal Characteristics Guaranteed by design – not production tested
θ
jc
Thermal resistance,
junction to case
TO-252 (D-PAK)
-
6.3
-
O
C/W ---
TO-220
-
8.3
-
θ
ja
Thermal resistance,
junction to ambient
TO-252 (D-PAK)
-
78
-
O
C/W Soldered to 2.0cm
2
exposed copper
free air area
TO-220
-
70
-
TO-252 (D-PAK)
(front view)
Pin
Description
VA
Current flows into this pin.
VB
Current flows out of this pin.
Pin Designation
Product Marking
VA
NC
VB
TO-252 (D-PAK)
Packages may or may not include the following marks: Si or
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL220K4
LLLLLLL
TO-220
(front view)
VA
NC
VB
VB
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Top Marking
CL220N5
LLLLLLLLL
YYWW
TO-220
Packages may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com