Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP149 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP149
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP149 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP149 Datasheet HTML 1Page - Siemens Semiconductor Group BSP149 Datasheet HTML 2Page - Siemens Semiconductor Group BSP149 Datasheet HTML 3Page - Siemens Semiconductor Group BSP149 Datasheet HTML 4Page - Siemens Semiconductor Group BSP149 Datasheet HTML 5Page - Siemens Semiconductor Group BSP149 Datasheet HTML 6Page - Siemens Semiconductor Group BSP149 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
BSP 149
Electrical Characteristics
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
V
GS = − 3 V, ID = 0.25 mA
V
(BR)DSS
200
–
–
V
Gate threshold voltage
V
DS = 3 V, ID = 1 mA
V
GS(th)
− 1.8
− 1.2
− 0.7
Drain-source cutoff current
V
DS = 200 V, VGS = − 3 V
T
j
= 25 ˚C
T
j
= 125 ˚C
I
DSS
–
–
–
–
0.2
200
µA
Gate-source leakage current
V
GS = 20 V, VDS = 0
I
GSS
–
10
100
nA
Drain-source on-resistance
V
GS = 0 V, ID = 0.03 A
R
DS(on)
–
2.5
3.5
Ω
Dynamic Characteristics
Forward transconductance
V
DS ≥ 2 × ID × RDS(on)max, ID = 0.48 A
g
fs
0.4
0.75
–
S
Input capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
iiss
–
500
670
pF
Output capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
oss
–40
60
Reverse transfer capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
rss
–12
20
Turn-on time
t
on, (ton = td(on) + tr)
V
DD =30 V, VGS = − 2 ... + 5 V, RGS =50 Ω,
I
D = 0.29 A
t
d(on)
–
7
10
ns
t
r
–20
30
Turn-off time
t
off, (toff = td(off) + tf)
V
DD =30 V, VGS = − 2 ... + 5 V, RGS =50 Ω,
I
D = 0.29 A
t
d(off)
–60
80
t
f
–50
65



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com