Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7906 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM7906
Description  3-Terminal 1A Positive Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM7906 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM7906 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Input Voltage
V
I
-35
V
Output Voltage
V
O
-6.0
V
Peak Current
I
PK
-2.2
A
Operating Temperature
Range
T
OPR
0~125
oC
Storage Temperature Range
T
STG
-65~150
oC
LM7906
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
V
O
V
I = -9V to -21V
-5.82
-6.0
-6.18
V
Line Regulation (Note1)
Regline
V
I = -8V to -25V
—
-10
-120
mV
V
I = -9V to -12V
—
-5.0
-60
Load Regulation (Note1)
Regload
I
O = -5.0mA to-1.5A
—
-10
-120
mV
I
O =-250mA to -750mA
—
-3
-60
Quiescent Current
I
Q
T
J =+25
oC
—
-3
-6
mA
Quiescent Current Change
ΔI
Q
I
O = -5mA to -1A
—
—
-0.5
mA
V
I = -9V to -25V
—
—
-1.3
Ripple Rejection
RR
f = 120Hz, V
O = -8V to -18V
54
60
—
dB
Dropout Voltage
V
Drop
I
O = -1A, TJ =+25
oC
—
-2
—
V
Short Circuit Current
I
SC
V
I = -35V, TA =+25
oC
—
-300
—
mA
Peak Current
I
PK
T
J =+25
oC
—
-2.2
—
A
3-Terminal 1A Positive Voltage Regulator
The LM7906 series of three terminal positive regulators are available in the TO-220 package and with
several fixed output voltages, making them useful in a wide range of applications. Each type employs
internal current limiting, thermal shut down and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although
designed primarily as fixed voltage regulators, these devices can be used with external components to
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Io = -500mA, Vi = -11V, Ci= 2.2uF, Co=1.0uF unless otherwise specified)
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM7906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7906 ETC-LM7906 Datasheet
50Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7906CT FAIRCHILD-LM7906CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7906CT FAIRCHILD-LM7906CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
LM7906CT ONSEMI-LM7906CT Datasheet
382Kb / 17P
3-Terminal 1A Negative Voltage Regulator
9/7/11 Rev. 1.0.3
logo
Tiger Electronic Co.,Lt...
LM7906J TGS-LM7906J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com