Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7909 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM7909
Description  3-Terminal Positive Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM7909 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM7909 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typ
Typ
Typ
Typ
Unit
Unit
Unit
Unit
Input Voltage
VI
-35
V
Output Voltage
VO
-9.0
V
Peak Current
IPK
-2.2
A
Operating Temperature
Range
TOPR
0~125
oC
Storage Temperature Range
TSTG
-65~150
oC
LM7909
LM7909
LM7909
LM7909
GENERAL
GENERAL
GENERAL
GENERAL DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Test
Test
Test
Test
Conditions
Conditions
Conditions
Conditions
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Output Voltage
VO
VI = -12V to -23V,PO≤15W
-8.6
-9.0
-9.4
V
Line Regulation (Note1)
Regline
VI = -12V to -25V
—
-10
-180
mV
VI = -13V to -18V
—
-5
-90
Load Regulation (Note1)
Regload
IO = -5.0mA to-1.5A
—
-12
-180
mV
IO =-250mA to -750mA
—
-4
-90
Quiescent Current
IQ
TJ =+25 oC
—
-3
-6
mA
Quiescent Current Change
ΔIQ
IO = -5mA to -1A
—
—
-0.5
mA
VI = -12V to -25V
—
—
-1.0
Ripple Rejection
RR
f = 120Hz, △Vi = 10V
54
60
—
dB
Dropout Voltage
VDrop
IO = -1A, TJ =+25 oC
—
-2
—
V
Short Circuit Current
ISC
VI = -35V, TA =+25 oC
—
-300
—
mA
Peak Current
IPK
TJ =+25 oC
—
-2.2
—
A
3-Terminal
3-Terminal
3-Terminal
3-Terminal Positive
Positive
Positive
Positive Voltage
Voltage
Voltage
Voltage Regulator
Regulator
Regulator
Regulator
The LM7909 series of three terminal positive regulators are available in the TO-220 package and with
several fixed output voltages, making them useful in a wide range of applications. Each type employs
internal current limiting, thermal shut down and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although
designed primarily as fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltages and currents.
Product
Product
Product
Product specification
specification
specification
specification
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(Refer to test circuit, Io = -500mA, Vi = -15V, Ci= 2.2uF, Co=1.0uF unless otherwise specified)
(((( Ta
Ta
Ta
Ta =
=
=
= 25
25
25
25 C)
C)
C)
C)
O
(((( Ta
Ta
Ta
Ta =
=
=
= 25
25
25
25 C)
C)
C)
C)
O
TO-220
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM7909

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7909CT FAIRCHILD-LM7909CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7909CT FAIRCHILD-LM7909CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7909CT FAIRCHILD-LM7909CT Datasheet
286Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
LM7909CT FAIRCHILD-LM7909CT Datasheet
280Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
LM7909CT FAIRCHILD-LM7909CT Datasheet
373Kb / 19P
3-Terminal 1 A Negative Voltage Regulator
September 2014 Rev. 1.1.1
More results

Similar Description - LM7909

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com