Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD6C60 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # SCD6C60
Description  Silicon Controlled Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SCD6C60 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  SCD6C60 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
3.8
A
RMS on-state current
I
T(RMS)
6.0
A
Non-repetitive peak
on-state current
I
TSM
66
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
SCD6C60
DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
600
—
—
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
—
3.8
—
A
RMS on-state current
I
T(RMS)
all conduction angles
—
6.0
—
A
On-state voltage
V
TM
I
TM=9.0A,tp=380μs
—
—
1.6
V
Holding current
I
H
V
D =12 V; IGT = 0.1 A
—
—
20
mA
Latching current
I
L
V
D =12 V; IGT = 0.1 A
—
—
50
mA
Gate trigger current
I
GT
V
D =12 V; IT = 0.1 A
—
—
15
mA
Gate trigger voltage
V
GT
V
D =12 V; IT = 0.1 A
—
—
1.5
V
Silicon Controlled Rectifiers
Standard gate triggering SCR is suitable for the application where
requiring high bidirectional blocking voltage capability and also
suitable for over voltage protection ,motor control circuit in power
tool, inrush current limit circuit and heating control system.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-252
TIGER ELECTRONIC CO.,LTD


Similar Part No. - SCD6C60

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SCD6C60 SEMIWELL-SCD6C60 Datasheet
596Kb / 5P
Silicon Controlled Rectifiers
logo
HAOPIN MICROELECTRONICS...
SCD6C60S HAOPIN-SCD6C60S Datasheet
125Kb / 5P
Blocking voltage to 600 V
More results

Similar Description - SCD6C60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com