Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41C Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TIP41C
Description  Complementary Silicon Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TIP41C Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TIP41C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
100
V
Collector-Emitter Voltage
V
CEO
100
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current
I
C
6.0
A
Base Current
I
B
2.0
A
Total Dissipation at
P
tot
65
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
TIP41C / TIP42C
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
V
CB=100V, IE=0
0.3
mA
Emitter Cut-off Current
IEBO
V
EB=5V, IC=0
1.0
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=30mA, IB=0
100
V
DC Current Gain
hFE(1)
V
CE=4V, IC=0.3A
30
hFE(2)
V
CE=4V, IC=3.0A
15
75
Collector-Emitter Saturation Voltage
VCE(sat) I
C=6.0A,IB=600mA
1.5
V
Base-Emitter Saturation Voltage
VBE(sat) V
CE=4V,IC=6.0A
2.0
V
Current Gain Bandwidth Product
fT
V
CE=10V,IC=500mA
3
MHz
Complementary Silicon Power Ttransistors
Product specification
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TIP41C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41C MOSPEC-TIP41C Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP41C MOTOROLA-TIP41C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP41C ONSEMI-TIP41C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP41C POINN-TIP41C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP41C STMICROELECTRONICS-TIP41C Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP41C

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB817 TGS-2SB817 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BDX53C TGS-BDX53C Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
BDX53F TGS-BDX53F Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com