Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP2955 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TIP2955
Description  Complementary Silicon High Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TIP2955 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TIP2955 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
15
A
Base Current
IB
7
A
Total Dissipation at
Ptot
90
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
TIP3055 / TIP2955
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
VCB=50V, IE=0
—
—
0.7
mA
Emitter Cut-off Current
IEBO
VEB=7.0V, IC=0
—
—
5.0
mA
Collector-Emitter Sustaining Voltage
VCEO
IC=30mA, IB=0
60
—
—
V
DC Current Gain
hFE(1)
VCE=4.0V, IC=4.0A
20
—
70
hFE(2)
VCE=4.0V, IC=10A
5
—
—
Collector-Emitter Saturation Voltage
VCE(sat)
IC=4.0A,IB=0.4A
—
—
1.0
V
IC=10A,IB=3.3A
—
—
3.0
Base-Emitter Voltage
VBE
VCE=4.0V,IC=4.0A
—
—
1.8
V
Transition Frequency
fT
VCE=10V,IC=0.5A
3
—
—
MHz
Complementary Silicon High Power Ttransistors
Product specification
The TIP3055 is a silicon Epitaxial-Base Planar NPN transistor mountend in
TO-247 plastic package. It is intented for power switching circuits, series
and shunt regulators, output stages and hi-fi amplifiers.
The complementary PNP type is the TIP2955.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
TO-247
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TIP2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP2955 MOSPEC-TIP2955 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP2955 MOTOROLA-TIP2955 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
Power Innovations Ltd
TIP2955 POINN-TIP2955 Datasheet
95Kb / 6P
PNP SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
More results

Similar Description - TIP2955

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB817 TGS-2SB817 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP35C TGS-TIP35C Datasheet
91Kb / 1P
Complementary Silicon High Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com