Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN690 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TYN690
Description  10A SCRs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TYN690 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TYN690 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
13
A
RMS on-state current
I
T(RMS)
20
A
Non-repetitive peak
on-state current
I
TSM
260
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
TYN690
DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
600
—
—
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
—
13
—
A
RMS on-state current
I
T(RMS)
all conduction angles
—
20
—
A
On-state voltage
V
TM
I
TM=25A,tp=380μs
—
—
1.60
V
Holding current
I
H
V
D =12 V; IGT = 0.1 A
—
—
40
mA
Latching current
I
L
V
D =12 V; IGT = 0.1 A
—
—
70
mA
Gate trigger current
I
GT
V
D =12 V; IT = 0.1 A
—
4
25
mA
Gate trigger voltage
V
GT
V
D =12 V; IT = 0.1 A
—
0.6
1.5
V
10A SCRs
Glass passivated thyristors in a plastic envelope, intended
for use in applications requiring high bidirectional blocking
voltage capability and high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220AB
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TYN690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN690 STMICROELECTRONICS-TYN690 Datasheet
59Kb / 4P
SCR
Mar-1995
More results

Similar Description - TYN690

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Nell Semiconductor Co.,...
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
Stansard SCRs, 10A
logo
Thinki Semiconductor Co...
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
SENSITIVE & STANDARD(10A SCRs)
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT_14 Datasheet
377Kb / 5P
Stansard SCRs, 10A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT Datasheet
335Kb / 5P
Stansard SCRs, 10A
logo
JIEJIE MICROELECTRONICS...
JCT610 JIEJIE-JCT610 Datasheet
397Kb / 6P
10A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com