Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W005M Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # W005M
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

W005M Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  W005M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd W005M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W005M THRU W10M
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:1.5A
FEATURES
Ideal for printed circuit board
Surge overload rating: 50A peak
High case dielectric strength
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL W005M
W01M
W02M
W04M
W06M
W08M
W10M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=25
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 1.5A DC
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=100
Ir
m A
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
1.0
-55 to +125
-55 to +150
1.5
50
1.0
10.0
TIGER ELECTRONIC CO.,LTD


Similar Part No. - W005M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W005M WTE-W005M Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
W005M RECTRON-W005M Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
W005M JGD-W005M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
W005M SEMTECH-W005M Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W005M SSE-W005M Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - W005M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com