Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6EWL06FN-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6EWL06FN-M3
Description  Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6EWL06FN-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  6EWL06FN-M3 Datasheet HTML 1Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 2Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 3Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 4Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 5Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 6Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 7Page - Vishay Siliconix 6EWL06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93502
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-6EWL06FN-M3
Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Vishay Semiconductors
New Product
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
F
(V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
Reverse Voltage-V
R (V)
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
100
Tj = 25°C
Tj = 175°C
Tj = 150°C
Tj = 125°C
Tj = 100°C
Tj = 75°C
Reverse Voltage-V
R(V)
0
100
200
300
400
500
600
1
10
100
t1,Rectangular Pulse Duration (Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.5
D = 02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com