Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC5545LD Datasheet(PDF) 2 Page - Sanken electric

Part # LC5545LD
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5545LD Datasheet(HTML) 2 Page - Sanken electric

  LC5545LD Datasheet HTML 1Page - Sanken electric LC5545LD Datasheet HTML 2Page - Sanken electric LC5545LD Datasheet HTML 3Page - Sanken electric LC5545LD Datasheet HTML 4Page - Sanken electric LC5545LD Datasheet HTML 5Page - Sanken electric LC5545LD Datasheet HTML 6Page - Sanken electric LC5545LD Datasheet HTML 7Page - Sanken electric LC5545LD Datasheet HTML 8Page - Sanken electric LC5545LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Selection Guide
Part
Number
MOSFET
VDSS(min)
(V)
RDS(on)
(max)
(Ω)
PWM Operation
Frequency, fOSC(typ)
(kHz)
On-Time
tON(MAX)(typ)
(μs)
POUT*
(W)
230 VAC
Universal
LC5545LD
650
3.95
72
9.3
13
10
LC5546LD
1.9
60
11.2
20
16
LC5548LD
800
3.5
72
9.3
13
10
*Based on the thermal rating; the allowable maximum output power can be up to 120% to 140% of
this value. However, maximum output power may be limited in such an application with low output
voltage or short duty cycle.
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current1
IDPeak
LC5545LD
Single pulse
8 – 1
2.5
A
LC5546LD
4.0
A
LC5548LD
2.6
A
Single Pulse Avalanche Energy2
EAS
LC5545LD ILPeak = 2.0A, VDD = 99 V, L = 10 mH
8 – 1
47
mJ
LC5546LD ILPeak = 2.7A, VDD = 99 V, L = 10 mH
86
mJ
LC5548LD ILPeak = 2.3A, VDD = 99 V, L = 10 mH
56
mJ
Input Voltage for Control Part (MIC)
VCC
2 – 1
35
V
OCP Pin Voltage
VOCP
3 – 1
−1.0 to 5.0
V
FB Pin Voltage
VFB
4 – 1
−0.3 to 7.0
V
OVP Pin Voltage
VOVP
6 – 1
−0.3 to 5.0
V
Allowable Power Dissipation of
MOSFET3
PD1
Mounted on a 15 mm × 15 mm PCB
8 – 1
0.97
W
Operating Ambient Temperature
TOP
―−55 to 125
°C
Storage Temperature
Tstg
―−55 to 125
°C
Channel Temperature
Tch
―
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
3
Refer to MOSFET Temperature versus Power Dissipation Curve.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
2
SANKEN ELECTRIC CO., LTD.
LC5540LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulators
LC5540LD
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com