Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM30 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SMM30
Description  Type SMM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMM30 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SMM30 Datasheet HTML 1Page - Bel Fuse Inc. SMM30 Datasheet HTML 2Page - Bel Fuse Inc. SMM30 Datasheet HTML 3Page - Bel Fuse Inc. SMM30 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nominal
Nominal
Melting I2T
Agency Approvals
Nominal
Max.
Type SMM
Square Ceramic Surface Mount Medium Blow Fuse
3812 Size
RoHS 6 Compliant
Electrical Specifications
SMM Feb 2012C
Pb
20A
0.0025
0.09
25A
0.0019
0.08
30A
0.0013
0.07
Soldering Guidelines
Reflow Conditions Recommended: 240°C, 30 sec. max.
Nominal
Volt-drop
@100% In
(volt)
420
1000
Nominal
Power
Dissipation
(W)
Melting I2T
@ 10 In
(A2 Sec)
Min.
Agency Approvals
Ampere
Rating
(A)
Catalog
Number
SMM 20
270
Nominal
Cold
Resistance
(ohm)
SMM 25
SMM 30
Max.
Voltage
Rating
(V)
Interrupting Rating
250
250
250
20A - 30A / 250V @100A AC
125V @ 150A AC
72V @ 130A DC
65V @ 300A DC
1.8
2.0
2.1
Y
Y
Y
Y
Y
Y
Reflow Conditions Recommended: 240°C, 30 sec. max.
Pb-Free Process Compatibility:
Test Conditions
NOTES:
When soldered to test boards using IR reflow in accordance with JEDEC J-STD-020 (260°C, 40 sec. max.), SMM samples exhibited DCR change
of +10% to -20% from initial values.
Subsequent tests showed all samples complied with the stated electrical characteristics on this data sheet.
NOT Recommended for Wave solder / Direct immersion / Hand Solder
For all SMM data, as well as UL Component investigation, all tests were conducted with fuse samples soldered on a PCB (1.6mm thick) test board with
The maximum temperature recorded in open air was 100
oC in a 21 oC ambient (79 oC rise). Consideration should be given to checking operating
temperatures in end-use application with regard to thermal index of surrounding materials and components.
(Maximum temperature recorded at 80% of rating (24A) for the SMM30 rating was 69
oC (48 oC rise).
-Minimum fusing point:
The SMM Series fuses are NOT intended to be operated at currents between 100% and 200% of ampere rating. Prolonged operation at currents in this
Caution:
– UL Condition of Acceptability
- the following information is contained in the UL Component Recognition for SMM Fuse Series:
copper traces measuring 0.1 mm nominal thickness (3 oz.clad), 10mm wide and 100 mm overall length.
The SMM Series fuses are NOT intended to be operated at currents between 100% and 200% of ampere rating. Prolonged operation at currents in this
range may result in overheating of the fuse and/or desoldering of the fuse caps from the PCB pad.
100
110
120
130
140
Temperature Derating Curve
Average Time Current Curve
SMM - TIME CURRENT CHARACTERISTIC CURVE
20A
25A
30A
50
60
70
80
90
100
-75-65-55-45-35-25-15 -5 5 15 25 35 45 55 65 75 85 95105115125135145
Ambient Temperature [oC]
100
1000
10000
100000
0.1
1
10
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
0.01
10
100
1000
CURRENT IN AMPERES
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belfuse.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-888366  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com