Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD6806 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 9Page - NXP Semiconductors LD6806 Datasheet HTML 10Page - NXP Semiconductors LD6806 Datasheet HTML 11Page - NXP Semiconductors LD6806 Datasheet HTML 12Page - NXP Semiconductors LD6806 Datasheet HTML 13Page - NXP Semiconductors LD6806 Datasheet HTML 14Page - NXP Semiconductors LD6806 Datasheet HTML 15Page - NXP Semiconductors LD6806 Datasheet HTML 16Page - NXP Semiconductors LD6806 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
13 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
9.6 Load regulation
Load regulation is the capability of the circuit to maintain the nominal output voltage while
varying the output load current.
(1) VIN
(2) VOUT
(1) VIN
(2) VOUT
Fig 21. Line regulation for LD6806CX4/36H
Fig 22. Line regulation for LD6806F/36H
time (ms)
0
0.8
0.6
0.2
0.4
001aan937
2
4
6
VIN
(V)
0
3.55
3.65
3.75
VOUT
(V)
3.45
(1)
(2)
time (ms)
0
0.7
0.6
0.2
0.4
0.1
0.3
0.5
001aan938
2
4
6
VIN
(V)
0
3.55
3.65
3.75
VOUT
(V)
3.45
(1)
(2)
Load regulation % mA

V
OUT
V
O nom

-------------------
100
I
OUT max

-----------------------------------
=
(1) IOUT
(2) VOUT
(1) IOUT
(2) VOUT
Fig 23. Load regulation for LD6806CX4/12H
Fig 24. Load regulation for LD6806F/12H
time (ms)
0
0.2
0.4
0.6
0.7
0.5
0.3
0.1
001aan927
0.1
0.3
0.5
IOUT
(A)
-0.1
0.9
1.2
0.7
1.1
1.3
VOUT
(V)
0.5
0.8
0.6
1.0
(1)
(2)
time (ms)
0
0.8
0.6
0.2
0.4
001aan928
0.1
0.3
0.5
IOUT
(A)
-0.1
1.10
1.25
1.00
1.20
1.30
VOUT
(V)
0.90
1.05
0.95
1.15
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com