Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4620 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4620
Description  SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4620 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4620 Datasheet HTML 1Page - Central Semiconductor Corp CLL4620 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLL4614 THRU CLL4627
SURFACE MOUNT
500mW LOW NOISE
SILICON ZENER DIODES
5% TOLERANCE
SOD-80 CASE - MECHANICAL OUTLINE
MARKING: CATHODE BAND
www.centralsemi.com
R6 (8-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com