Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2221 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N2221
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2221 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N2221 Datasheet HTML 1Page - Central Semiconductor Corp 2N2221 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2221
2N2222
NPN SILICON TRANSISTOR
TO-18 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N2221
2N2222
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=0.1mA
20
-
35
-
hFE
VCE=10V, IC=1.0mA
25
-
50
-
hFE
VCE=10V, IC=10mA
35
-
75
-
hFE
VCE=10V, IC=10mA, TA=-55°C
15
-
35
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=1.0V, IC=150mA
20
-
50
-
hFE
VCE=10V, IC=500mA
25
-
40
-
www.centr a lsemi.com
R1 (30-January 2012)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com