Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM5757 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM5757
Description  SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM5757 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM5757 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM5757 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
430
mA
Maximum Pulsed Drain Current (tp=10μs)
IDM
750
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR VGS=4.5V, VDS=0
2.0
μA
IDSS
VDS=16V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
20
V
VGS(th)
VDS=VGS, ID=250μA
0.45
1.0
V
VSD
VGS=0, IS=350mA
1.2
V
rDS(ON)
VGS=4.5V, ID=430mA
0.9
Ω
rDS(ON)
VGS=2.5V, ID=300mA
1.2
Ω
rDS(ON)
VGS=1.8V, ID=150mA
2.0
Ω
Crss
VDS=16V, VGS=0, f=1.0MHz
20
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
175
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
30
pF
CMLDM5757
SURFACE MOUNT
DUAL P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM5757
consists of Dual P-Channel Enhancement-mode silicon
MOSFETs designed for high speed pulsed amplifier
and driver applications. These MOSFETs offer Very
Low rDS(ON) and Low Threshold Voltage.
MARKING CODE: 77C
FEATURES:
• ESD Protection up to 2kV
• 350mW Power Dissipation
• Very Low rDS(ON)
• Low Threshold Voltage
• Logic Level Compatible
• Small, SOT-563 Surface Mount Package
• Complementary Dual N-Channel Device: CMLDM3737
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
APPLICATIONS:
• Load Switch / Level Shifting
• Battery Charging
• Boost Switch
• Electro-luminescent Backlighting
SOT-563 CASE
R1 (30-July 2011)
www.centr a lsemi.com


Similar Part No. - CMLDM5757

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM5757 CENTRAL-CMLDM5757 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM5757 CENTRAL-CMLDM5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs
CMLDM5757 CENTRAL-CMLDM5757_13 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM5757 CENTRAL-CMLDM5757_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMLDM5757

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMRDM7590 CENTRAL-CMRDM7590 Datasheet
422Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMKDM8005 CENTRAL-CMKDM8005 Datasheet
488Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM8005 CENTRAL-CMLDM8005 Datasheet
591Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM8120-M832D CENTRAL-CTLDM8120-M832D Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7003 CENTRAL-CMLDM7003_15 Datasheet
730Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM8002A CENTRAL-CMLDM8002A_15 Datasheet
995Kb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
CTLDM8120-M832D CENTRAL-CTLDM8120-M832D_15 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com