Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0585 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0585
Description  SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0585 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0585 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0585 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLM0585
Multi Discrete Module™
SURFACE MOUNT SILICON
P-CHANNEL MOSFET AND
LOW VF SCHOTTKY DIODE
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Cathode D1
4) Anode D1
5) Anode D1
6) Drain Q1
MARKING CODE: 85C
SOT-563 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Q1 Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Qg(tot)
VDS=10V, VGS=4.5V, ID=200mA
1.2
nC
Qgs
VDS=10V, VGS=4.5V, ID=200mA
0.24
nC
Qgd
VDS=10V, VGS=4.5V, ID=200mA
0.36
nC
gFS
VDS=10V, ID=200mA
200
mS
Crss
VDS=16V, VGS=0, f=1.0MHz
25
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
100
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
21
pF
ton
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
38
ns
toff
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
48
ns
ELECTRICAL CHARACTERISTICS - D1: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=10V
20
μA
IR
VR=30V
100
μA
BVR
IR=500μA
40
V
VF
IF=100μA
0.13
V
VF
IF=1.0mA
0.21
V
VF
IF=10mA
0.27
V
VF
IF=100mA
0.35
V
VF
IF=500mA
0.47
V
CT
VR=1.0V, f=1.0MHz
50
pF
www.centr a lsemi.com
R2 (27-September 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com