Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM7387 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM7387
Description  SURFACE MOUNT N-CHANNEL MOSFET AND LOW NOISE PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM7387 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM7387 Datasheet HTML 1Page - Central Semiconductor Corp CMLM7387 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLM7387
MULTI DISCRETE MODULE™
SURFACE MOUNT
N-CHANNEL MOSFET AND
LOW NOISE PNP TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM7387
is a Multi Discrete Module™ consisting of a single
N-Channel Enhancement-mode MOSFET and a Low
Noise PNP transistor packaged in a space saving
PICOmini™ SOT-563 surface mount case. This
device is designed for small signal general purpose
applications where size and operational efficiency are
prime requirements.
MARKING CODE: 7C7
MAXIMUM RATINGS (SOT-563 Package): (TA=25°C)
SYMBOL
UNITS
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS Q1: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current
ID
160
mA
Maximum Pulsed Drain Current
IDM
560
mA
MAXIMUM RATINGS Q2: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
ELECTRICAL CHARACTERISTICS Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=8.0V, VDS=0V
1.0
μA
IGSSF, IGSSR
VGS=12V, VDS=0V
5.0
μA
IDSS
VDS=50V, VGS=0V
10
μA
BVDSS
VGS=0V, ID=250μA
50
V
VGS(th)
VDS=VGS, ID=250μA
0.7
1.0
V
rDS(ON)
VGS=4.0V, ID=100mA
4.0
Ω
rDS(ON)
VGS=2.5V, ID=80mA
5.0
Ω
gFS
VDS=10V, ID=100mA
180
mS
FEATURES:
• ESD protection up to 2kV
• Low rDS(on) MOSFET
• Low VCE(SAT) PNP Transistor
APPLICATIONS:
• DC / DC Converters
• Battery Powered Portable Equipment
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0 mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0 mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4 mm2
• Devices are
Halogen Free by design
SOT-563 CASE
TM
R0 (1-December 2009)
www.centr a lsemi.com


Similar Part No. - CMLM7387

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM7388 CENTRAL-CMLM7388 Datasheet
610Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW NOISE NPN TRANSISTOR
More results

Similar Description - CMLM7387

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
PNP (LOW NOISE TRANSISTOR)
MMBT5087 SAMSUNG-MMBT5087 Datasheet
29Kb / 1P
PNP (LOW NOISE TRANSISTOR)
logo
Weitron Technology
MMBT5088 WEITRON-MMBT5088 Datasheet
461Kb / 5P
Low Noise NPN Transistor Surface Mount
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205_10 Datasheet
588Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305 CENTRAL-CMLM0305 Datasheet
592Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305T CENTRAL-CMLM0305T Datasheet
591Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMPT992 CENTRAL-CMPT992_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMLM7388 CENTRAL-CMLM7388 Datasheet
610Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW NOISE NPN TRANSISTOR
logo
Diodes Incorporated
DZT751 DIODES-DZT751 Datasheet
179Kb / 4P
LOW VCE PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992_15 Datasheet
329Kb / 2P
SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com