Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM7388 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM7388
Description  SURFACE MOUNT N-CHANNEL MOSFET AND LOW NOISE NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM7388 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM7388 Datasheet HTML 1Page - Central Semiconductor Corp CMLM7388 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLM7388
MULTI DISCRETE MODULE™
SURFACE MOUNT
N-CHANNEL MOSFET AND
LOW NOISE NPN TRANSISTOR
ELECTRICAL CHARACTERISTICS Q1 - Continued:
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Crss
VDS=10V, VGS=0, f=1.0MHz
2.1
pF
Ciss
VDS=10V, VGS=0, f=1.0MHz
25
pF
Coss
VDS=10V, VGS=0, f=1.0MHz
5.0
pF
ELECTRICAL CHARACTERISTICS Q2: (TA=25°C)
ICBO
VCB= 30V
15
nA
BVCBO
IC= 10μA
50
V
BVCEO
IC= 10mA
45
V
BVEBO
IE= 1.0μA
6.0
V
VCE(SAT)
IC= 10mA, IB= 0.5mA
100
mV
VCE(SAT)
IC= 100mA, IB= 5.0mA
300
mV
VBE(SAT)
IC= 10mA, IB= 0.5mA
700
mV
VBE(SAT)
IC= 100mA, IB= 5.0mA
900
mV
VBE(on)
VCE= 5.0V, IC= 2.0mA
580
700
mV
VBE(on)
VCE= 5.0V, IC= 10mA
770
mV
hFE
VCE= 5.0V, IC= 2.0mA
200
450
fT
VCE= 5.0V, IC=10mA, f=100MHz
100
MHz
Cob
VCB= 10V, IE=0, f=1.0MHz
4.5
pF
NF
VCE= 5.0V, RS=2kΩ f=1.0kHz, BW=200Hz
10
dB
SOT-563 - MECHANICAL OUTLINE
LEAD CODE:
1) SOURCE Q1
2) GATE Q1
3) COLLECTOR Q2
4) EMITTER Q2
5) BASE Q2
6) DRAIN Q1
MARKING CODE: 7C8
www.centr a lsemi.com
R0 (1-December 2009)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com