Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT7820 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT7820
Description  SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT7820 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT7820 Datasheet HTML 1Page - Central Semiconductor Corp CMPT7820 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT7820
SURFACE MOUNT
VERY LOW VCE(SAT)
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT7820 is
a very low VCE(SAT) PNP Transistor, designed for
applications where size and efficiency are prime
requirements. Packaged in an industry standard
SOT-23, this device brings updated electrical
specifications and characteristics suitable for the most
demanding designs.
MARKING CODE: 78C
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
2.0
A
Continuous Base Current
IB
300
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
100
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=100mA, IB=1.0mA
0.175
V
VCE(SAT)
IC=500mA, IB=50mA
0.18
V
VCE(SAT)
IC=1.0A, IB=100mA
0.34
V
VBE(SAT)
IC=1.0A, IB=50mA
1.1
V
VBE(ON)
VCE=5.0V, IC=1.0A
0.9
V
hFE
VCE=5.0V, IC=1.0mA
200
hFE
VCE=5.0V, IC=500mA
150
hFE
VCE=5.0V, IC=1.0A
100
fT
VCE=10V, IC=50mA
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
FEATURES:
• Device is Halogen Free by design
• High Current (IC=1.0A)
• VCE(SAT)=0.34V MAX @ IC=1.0A
• SOT-23 surface mount package
• Complementary NPN device CMPT3820
APPLICATIONS:
• DC/DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered Cell Phones, Pagers,
Digital Cameras, PDAs, Laptops, etc.
SOT-23 CASE
R1 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT7820

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7820 CENTRAL-CMPT7820_15 Datasheet
330Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
More results

Similar Description - CMPT7820

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410 Datasheet
116Kb / 2P
SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
CMLT7820G CENTRAL-CMLT7820G Datasheet
115Kb / 2P
SURFACE MOUNT PICOminiTM VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
CMLT3820G CENTRAL-CMLT3820G_10 Datasheet
514Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR
CMLT7820G CENTRAL-CMLT7820G_10 Datasheet
514Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
CMPT3820 CENTRAL-CMPT3820 Datasheet
330Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR
CTLT3820-M563 CENTRAL-CTLT3820-M563 Datasheet
459Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR
CXT3820 CENTRAL-CXT3820 Datasheet
361Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR
CXT7820 CENTRAL-CXT7820 Datasheet
361Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
CMPT7820 CENTRAL-CMPT7820_15 Datasheet
330Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
CXT7820 CENTRAL-CXT7820_15 Datasheet
361Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com