Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340 Datasheet(HTML) 1 Page - Motorola, Inc

  LM340 Datasheet HTML 1Page - Motorola, Inc LM340 Datasheet HTML 2Page - Motorola, Inc LM340 Datasheet HTML 3Page - Motorola, Inc LM340 Datasheet HTML 4Page - Motorola, Inc LM340 Datasheet HTML 5Page - Motorola, Inc LM340 Datasheet HTML 6Page - Motorola, Inc LM340 Datasheet HTML 7Page - Motorola, Inc LM340 Datasheet HTML 8Page - Motorola, Inc LM340 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SEMICONDUCTOR
TECHNICAL DATA
Order this document by MC7800/D
MC7800,
MC7800A, LM340,
LM340A Series
D2T SUFFIX
PLASTIC PACKAGE
CASE 936
(D2PAK)
THREE–TERMINAL
POSITIVE FIXED
VOLTAGE REGULATORS
STANDARD APPLICATION
A common ground is required between the
input and the output voltages. The input voltage
must remain typically 2.0 V above the output
voltage even during the low point on the input
ripple voltage.
XX,
MC78XX
Input
Cin*
0.33
µF
CO**
Output
Pin 1. Input
2. Ground
3. Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
3
1
2
These two digits of the type number
indicate nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply
filter.
CO is not needed for stability; however,
it does improve transient response. Values
of less than 0.1
µF could cause instability.
*
**
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Positive
Voltage Regulators
These voltage regulators are monolithic integrated circuits designed as
fixed–voltage regulators for a wide variety of applications including local,
on–card regulation. These regulators employ internal current limiting,
thermal shutdown, and safe–area compensation. With adequate heatsinking
they can deliver output currents in excess of 1.0 A. Although designed
primarily as a fixed voltage regulator, these devices can be used with
external components to obtain adjustable voltages and currents.
• Output Current in Excess of 1.0 A
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Output Voltage Offered in 2% and 4% Tolerance
• Available in Surface Mount D2PAK and Standard 3–Lead Transistor
Packages
• Previous Commercial Temperature Range has been Extended to a
Junction Temperature Range of –40
°C to +125°C
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC7805AC
50 V
MC7812C
12 V
LM340AT–5
50 V
LM340T–12
12 V
MC7805C
5.0 V
MC7815AC
15 V
LM340T–5
LM340AT–15
15 V
MC7806AC
60 V
MC7815C
15 V
MC7806C
6.0 V
LM340T–15
MC7808AC
80 V
MC7818AC
18 V
MC7808C
8.0 V
MC7818C
18 V
MC7809C
9.0 V
MC7824AC
24 V
MC7812AC
12 V
MC7824C
24 V
LM340AT–12
12 V
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating
Temperature Range
Package
MC78XXACT
2%
T40
°
125
°C
Insertion Mount
LM340AT–XX
2%
T40
°
125
°C
Insertion Mount
MC78XXACD2T
TJ = –40° to +125°C
Surface Mount
MC78XXCT
4%
TJ = –40° to +125°C
Insertion Mount
LM340T–XX
4%
Insertion Mount
MC78XXCD2T
Surface Mount
XX indicates nominal voltage.
© Motorola, Inc. 1997
Rev 5


Similar Part No. - LM340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Texas Instruments
LM340 TI1-LM340 Datasheet
3Mb / 33P
1.5-A Fixed Voltage Regulators
More results

Similar Description - LM340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com