Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSAC6.8CS Datasheet(PDF) 1 Page - Rohm

Part # RSAC6.8CS
Description  Ultra Low Capacitance ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSAC6.8CS Datasheet(HTML) 1 Page - Rohm

  RSAC6.8CS Datasheet HTML 1Page - Rohm RSAC6.8CS Datasheet HTML 2Page - Rohm RSAC6.8CS Datasheet HTML 3Page - Rohm RSAC6.8CS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Ultra Low Capacitance ESD Protection Diode
RSAC6.8CS
lApplications
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
ESD Protection
lFeatures
1)Ultra small mold type.(VMN2)
2)Low Capacitance.
3)High Reliability.
lConstruction
Silicon epitaxial planar
lStructure
lAbsolute maximum ratings (Ta=25
C)
Symbol
Unit
P
mW
Tj
C
Tstg
C
lElectrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Vz
6.7
-
7.33
V
IZ=5mA
IR
-
-
1.0
μA
VR=3.0V
Ct
-
0.3
-
pF
VR=0V , f=1MHz
* Zener voltage (VZ) shall be measured at 40ms after loading current.
* Electrical characteristic assurance is just only zener direction.
lTaping dimensions (Unit : mm)
Parameter
Limits
Power dissipation
100
150
Storage temperature
-55 to +150
Parameter
Conditions
Zener voltage
Reverse current
Capacitance between terminals
4)By chip-mounter, automatic mounting is possible.
Junction temperature
VMN2
0.55
ROHM : VMN2
dot (year week factory) + day
0.16±0.05
0.37±0.03
0.6±0.05
0.35±0.1
0.156
0.7±0.05
4.0±0.1
2±0.05
φ 0.5
4±0.1
2±0.05
φ 1.55
0.2±0.05
0.52
1/3
2011.10 - Rev.A


Similar Part No. - RSAC6.8CS

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC6.8CST2RA ROHM-RSAC6.8CST2RA Datasheet
484Kb / 4P
Ultra Low Capacitance ESD Protection Diode
More results

Similar Description - RSAC6.8CS

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Rectron Semiconductor
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Nexperia B.V. All right...
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
Ultra low capacitance ESD protection diode
16 November 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com