Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5821 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N5821
Description  COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5821 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N5821 Datasheet HTML 1Page - Central Semiconductor Corp 2N5821 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD CODE:
1) COLLECTOR
2) BASE
3) EMITTER
Central
Semiconductor Corp.
TM
TO-92-18R CASE - MECHANICAL OUTLINE
2N5820 2N5822 NPN
2N5821 2N5823 PNP
COMPLEMENTARY
SILICON TRANSISTORS
MIN
MAX
MIN
MAX
A (DIA)
0.175
0.205
4.45
5.21
B
0.170
0.210
4.32
5.33
C
0.500
-
12.70
-
D
0.016
0.022
0.41
0.56
E
F
G
0.125
0.165
3.18
4.19
H
0.080
0.105
2.03
2.67
J (DIA)
K
TO-92-18R (REV: R1)
2.54
0.100
0.015
0.38
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.100
2.54
0.050
1.27
R1 (21-October 2005)
ELECTRICAL CHARACTERISTICS: (Continued)
2N5820
2N5822
2N5821
2N5823
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=2.0V, IC=50mA, f=20MHz
100
120
MHz
Cob
VCB=10V, IC=0, f=1.0MHz
15
15
pF
Cib
VEB=0.5V, IE=0, f=1.0MHz
55
55
pF
MARKING CODE:
FULL PART NUMBER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com