Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6544 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N6544
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6544 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N6544 Datasheet HTML 1Page - Central Semiconductor Corp 2N6544 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS - Continued: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ft
VCE=10V, IC=300mA, f=1.0MHz
6.0
28
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
75
300
pF
Is/b
VCE=100V, t=1.0s
0.2
A
Resistive Load
td
0.05
μs
tr
1.0
μs
ts
4.0
μs
tf
1.0
μs
Inductive Load (Clamped)
ts
4.0
μs
tf
0.9
μs
ts
1.2
μs
tf
0.18
μs
2N6544
2N6545
NPN SILICON
POWER TRANSISTOR
TO-3 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Base
2) Emitter
Case) Collector
MARKING:
FULL PART NUMBER
VCC=250V, IC=5.0A,
IB1=IB2=1.0A, tp=100μs,
Duty Cycle≤2.0%
VCL=Rated VCEX, IC=5.0A,
IB1=1.0A, VBE=5.0V, TC=100°C
VCL=Rated VCEX, IC=5.0A,
IB1=1.0A, VBE=5.0V, TC=25°C
www.centr a lsemi.com
R1 (7-February 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com