Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6607 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6607
Description  SILICON CONTROLLED RECTIFIER 0.35 AMP, 30 THRU 200 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6607 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6607 Datasheet HTML 1Page - Central Semiconductor Corp 2N6607 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6605
2N6606
2N6607
2N6608
SILICON CONTROLLED RECTIFIER
0.35 AMP, 30 THRU 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6605 Series
types are hermetically sealed silicon controlled
rectifiers manufactured in a TO-18 case, designed for
control systems and sensing circuit applications.
MARKING: FULL PART NUMBER
TO-18 CASE
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N6605
2N6606
2N6607
2N6608 UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
30
60
100
200
V
Average On-State Current
IO
0.35
A
Peak One Cycle Surge Current (t=8.3ms)
ITSM
6.0
A
Peak Gate Voltage
VGM
8.0
V
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM
Rated VDRM, RGK=1.0KΩ
120
nA
IRRM
Rated VRRM
250
nA
IGT
VD=6.0V, RL=100Ω
200
μA
VGT
VD=6.0V, RL=100Ω
0.8
V
VTM
IT=2.0A
2.0
V
IH
RGK=1.0KΩ
5.0
mA
R0 (30-March 2011)
www.centra lsemi.com


Similar Part No. - 2N6607

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6607 CENTRAL-2N6607 Datasheet
58Kb / 1P
SCRs
2N6607 CENTRAL-2N6607 Datasheet
528Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N6607

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-12B CENTRAL-CS220-12B Datasheet
83Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS3-16B CENTRAL-CS3-16B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com