Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85C4V3 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BZX85C4V3
Description  SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX85C4V3 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BZX85C4V3 Datasheet HTML 1Page - Central Semiconductor Corp BZX85C4V3 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
1.3
W
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.2V MAX @ IF=200mA (for all types)
BZX85C3V3
THRU
BZX85C33
SURFACE MOUNT
1.3W SILICON ZENER DIODE
3.3 VOLTS THRU 33 VOLTS
DO-41 CASE
Central
Semiconductor Corp.
TM
R0 (12-May 2009)
Tolerance Code
Tolerance
A
±1%
B
±2%
C
±5%
BZX8 5 C 4 V 7
Part Number Identification
Nominal Value Code (i.e. 4.7 Volts)
Tolerance Code
Device Series
Description:
The CENTRAL SEMICONDUCTOR BZX85C3V3
Series are silicon Zener diodes. These high
quality voltage regulating diodes are designed for
use in industrial, commercial, entertainment and
computer applications.
MARKING: FULL PART NUMBER
Type
Zener Voltage
VZ @ IZT
Test
Current
Maximum Zener
Impedance
Maximum
Reverse
Current
Maximum
Reverse
Surge
Current
Maximum
Zener
Current
MIN
(V)
NOM
(V)
MAX
(V)
IZT
(mA)
ZZT@IZT
(Ω)
ZZK @ IZK
(Ω)
(mA)
IR @ VR
(μA)
(V)
IRSM
(mA)
IZM
(mA)
BZX85C3V3
3.1
3.3
3.5
80
20
400
1.0
60
1.0
1,380
276
BZX85C3V6
3.4
3.6
3.8
60
15
500
1.0
30
1.0
1,260
252
BZX85C3V9
3.7
3.9
4.1
60
15
500
1.0
5.0
1.0
1,190
234
BZX85C4V3
4.1
4.3
4.5
50
13
500
1.0
3.0
1.0
1,070
217
BZX85C4V7
4.5
4.7
4.9
45
13
600
1.0
3.0
1.5
970
193
BZX85C5V1
4.8
5.1
5.4
45
10
500
1.0
1.0
2.0
890
178
BZX85C5V6
5.3
5.6
5.9
45
7.0
400
1.0
1.0
2.0
810
162
BZX85C6V2
5.9
6.2
6.5
35
4.0
300
1.0
1.0
3.0
730
146
BZX85C6V8
6.5
6.8
7.1
35
3.5
300
1.0
1.0
4.0
660
133
BZX85C7V5
7.1
7.5
7.9
35
3.0
200
1.0
1.0
4.5
605
121
BZX85C8V2
7.8
8.2
8.6
25
5.0
200
0.5
1.0
5.0
550
110
BZX85C9V1
8.6
9.1
9.6
25
5.0
200
0.5
1.0
6.5
500
100
BZX85C10
9.5
10
10.5
25
7.0
200
0.5
0.5
7.0
454
91
BZX85C11
10.5
11
11.6
20
8.0
300
0.5
0.5
7.7
414
83
BZX85C12
11.4
12
12.6
20
9.0
350
0.5
0.5
8.4
380
76


Similar Part No. - BZX85C4V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C4V3 VISHAY-BZX85C4V3 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C4V3 FAIRCHILD-BZX85C4V3 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C4V3 EIC-BZX85C4V3 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C4V3 GOOD-ARK-BZX85C4V3 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C4V3 FAIRCHILD-BZX85C4V3 Datasheet
53Kb / 5P
Zeners
More results

Similar Description - BZX85C4V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
101Kb / 2P
SURFACE MOUNT 5-LINE SILICON TVS/ZENER ARRAY 3.3 VOLTS THRU 36 VOLTS
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
CLL4728A CENTRAL-CLL4728A Datasheet
431Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com