Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340LP5E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 340LP5E
Description  GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

340LP5E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  340LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 2
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Single Channel: Conversion Gain
vs. Temperature @ LO = +13 dBm
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
LO= +9 dBm
LO= +11 dBm
LO= +13 dBm
LO= +15 dBm
RF FREQUENCY (GHz)
-60
-45
-30
-15
0
1
1.5
2
2.5
3
3.5
4
4.5
5
RF TO IF
LO TO RF
LO TO IF
FREQUENCY (GHz)
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
LO
RF
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.5
1
1.5
2
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
Single Channel: Input P1dB
vs. Temperature @ LO = +13 dBm
8
9
10
11
12
13
14
15
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
RF FREQUENCY (GHz)
Single Channel:
Conversion Gain vs. LO Drive
Single Channel:
Isolation @ LO = +13 dBm
Single Channel:
Return Loss @ LO = +13 dBm
Single Channel:
IF Bandwidth @ LO = +13 dBm
HMC340LP5 / 340LP4E
v02.0108
GaAs MMIC SMT DOUBLE-BALANCED
DUAL MIXER, 1.7 - 4.5 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com