Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB070DS29 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB070DS29
Description  70MHz SAW Filter 11MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS29 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB070DS29 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS29 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS29 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LB070DS29
Rev. Date
2011-04-13
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
70MHz SAW Filter
11MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB070DS29
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.75
70
70.25
Insertion Loss
dB
-
14.2
15
1 dB Bandwidth
MHz
10.6
11
-
3 dB Bandwidth
MHz
-
11.64
-
35 dB Bandwidth
MHz
-
14.4
14.6
40 dB Bandwidth
MHz
-
14.96
-
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
1.43
-
Ultimate Rejection
dB
40
42
-
Material Temperature coefficient
KHz/°C
-6.58
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD13.3*6.5
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LB070DS29

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS29 SIPAT-LB070DS29 Datasheet
153Kb / 3P
70MHz SAW Filter
More results

Similar Description - LB070DS29

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11403 SIPAT-LBN11403 Datasheet
136Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBT16049 SIPAT-LBT16049 Datasheet
144Kb / 3P
160MHz SAW Filter 11MHz Bandwidth
UE280 SIPAT-UE280 Datasheet
267Kb / 3P
280MHz SAW Filter 11MHz Bandwidth
LBN07089 SIPAT-LBN07089_10 Datasheet
186Kb / 3P
70MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096_10 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBN70A67 SIPAT-LBN70A67 Datasheet
144Kb / 3P
70MHz SAW Filter 11MHz Bandwidth
LBN11403 SIPAT-LBN11403 Datasheet
142Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBN11802 SIPAT-LBN11802 Datasheet
192Kb / 3P
117.6MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBT15901 SIPAT-LBT15901 Datasheet
145Kb / 3P
159.5MHz SAW Filter 11MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com