Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN140A48 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN140A48
Description  140MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A48 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN140A48 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A48 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A48 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN140A48
Rev. Date
2010-04-16
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN140A48
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.8
140
140.2
Insertion Loss
dB
-
27.1
28
1.5 dB Bandwidth
MHz
24
24.04
-
3 dB Bandwidth
MHz
-
24.2
-
40 dB Bandwidth
MHz
-
25.04
25.25
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3
4.5
f0±12.6MHz
dB
40
50
-
f0±13MHz
dB
45
55
-
Ultimate Rejection
f0±17MHz
dB
50
60
-
Material Temperature coefficient
KHz/°C
-13.16
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP2712 (27.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN140A48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A48 SIPAT-LBN140A48 Datasheet
150Kb / 3P
140MHz SAW Filter
More results

Similar Description - LBN140A48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN16041 SIPAT-LBN16041 Datasheet
138Kb / 3P
160MHz SAW Filter 24MHz Bandwidth
LBN13504 SIPAT-LBN13504 Datasheet
137Kb / 3P
135MHz SAW Filter 24MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
145Kb / 3P
138.24MHz SAW Filter 24MHz Bandwidth
LBN14089 SIPAT-LBN14089 Datasheet
137Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LBN140A32 SIPAT-LBN140A32 Datasheet
150Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
76.8MHz SAW Filter 24MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LBN11573 SIPAT-LBN11573 Datasheet
291Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN14089 SIPAT-LBN14089 Datasheet
143Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com