Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5111 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5111 Datasheet HTML 17Page - Analog Devices AD5111 Datasheet HTML 18Page - Analog Devices AD5111 Datasheet HTML 19Page - Analog Devices AD5111 Datasheet HTML 20Page - Analog Devices AD5111 Datasheet HTML 21Page - Analog Devices AD5111 Datasheet HTML 22Page - Analog Devices AD5111 Datasheet HTML 23Page - Analog Devices AD5111 Datasheet HTML 24Page - Analog Devices AD5111 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
Rev. 0 | Page 21 of 28
WRITE OPERATION
When writing to the AD5110/AD5112/AD5114, the user
must begin with a start command followed by an address
byte (R/W = 0), after which the AD5110/AD5112/AD5114
acknowledge that it is prepared to receive data by pulling
SDA low.
Two bytes of data are then written to the DAC, the most
significant byte, followed by the least significant byte. Both of
these data bytes are acknowledged by the AD5110/AD5112/
AD5114. A stop condition follows. The write operations for
the AD5110/AD5112/AD5114 are shown in Figure 41,
Figure 42, and Figure 43.
A repeated write function gives the user flexibility to update
the device a number of times after addressing the part only
once, as shown in Figure 44.
SCL
SDA
START BY
MASTER
ACK. BY
AD5110
ACK. BY
AD5110
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
AD5110
STOP BY
MASTER
0
1
9
1
9
9
9
1
1
0
1
1
A1
A0
0
0
0
0
0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 41. AD5110 Interface Write Command
SCL
SDA
START BY
MASTER
ACK. BY
AD5112
ACK. BY
AD5112
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
AD5112
STOP BY
MASTER
0
1
9
1
9
9
9
1
1
0
1
1
A1
A0
0
0
0
0
0
C2
C1
C0
D6
D5
D4
D3
D2
D1
D0
0
R/W
Figure 42. AD5112 Interface Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com