Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7606 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7606
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7606 Datasheet HTML 9Page - Analog Devices AD7606 Datasheet HTML 10Page - Analog Devices AD7606 Datasheet HTML 11Page - Analog Devices AD7606 Datasheet HTML 12Page - Analog Devices AD7606 Datasheet HTML 13Page - Analog Devices AD7606 Datasheet HTML 14Page - Analog Devices AD7606 Datasheet HTML 15Page - Analog Devices AD7606 Datasheet HTML 16Page - Analog Devices AD7606 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 13 of 32
Pin No.
Type
12F11F
1
Mnemonic
Description
34
DI
REF SELECT
Internal/External Reference Selection Input. Logic input. If this pin is set to logic high then the
internal reference is selected and is enabled, if this pin is set to logic low then the internal reference
is disabled and an external reference voltage must be applied to the REFIN/REFOUT pin.
36, 39
P
REGCAP
Decoupling Capacitor Pins for Voltage Output from Internal Regulator. These output pins should be
decoupled separately to AGND using a 1 μF capacitor. The voltage on these output pins is in the
range of 2.5 V to 2.7 V.
42
REF
REFIN/
REFOUT
Reference Input/Reference Output. The on-chip reference of 2.5 V is available on this pin for external
use if the REF SELECT pin is set to a logic high. Alternatively, the internal reference can be disabled
by setting the REF SELECT pin to a logic low and an external reference of 2.5 V can be applied to this
input. See the Internal/External Reference section. Decoupling is required on this pin for both the
internal or external reference options. A 10 µF capacitor should be applied from this pin to ground
close to the REFGND pins.
43, 46
REF
REFGND
Reference Ground Pins. These pins should be connected to AGND.
44, 45
REF
REFCAPA,
REFCAPB
Reference Buffer Output Force/Sense Pins. These pins must be connected together and decoupled
to AGND using a low ESR 10 μF ceramic capacitor.
49, 51, 53,
55, 57, 59,
61, 63
AI
V1 to V8
Analog Inputs. These pins are single-ended analog inputs. The analog input range of these channels
is determined by the RANGE pin.
50, 52, 54,
56, 58, 60,
62, 64
AI/
GND
V1GND to
V8GND
Analog Input Ground Pins. These pins correspond to the V1 to V8 analog input pins. Connect all
analog input AGND pins to the AGND plane of a system.
1
Refers to classification of pin type; P denotes power, AI denotes analog input, REF denotes reference, DI denotes digital input, DO denotes digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com