Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7607
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7607 Datasheet HTML 22Page - Analog Devices AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 26 of 36
DIGITAL INTERFACE
The AD7609 provides two interface options: a parallel interface
and a high speed serial interface. The required interface mode is
selected via the PAR/SER SEL pin.
The operation of the interface modes is described in the
following sections.
PARALLEL INTERFACE (PAR/SER SEL = 0)
Data can be read from the AD7609 via the parallel data bus with
standard CS and RD signals. To read the data over the parallel
bus, the PAR/SER SEL pin should be tied low. The CS and RD
input signals are internally gated to enable the conversion result
onto the data bus. The data lines, DB15 to DB0, leave their high
impedance state when both CS and RD are logic low.
The rising edge of the CS input signal three-states the bus and
the falling edge of the CS input signal takes the bus out of the
high impedance state. CS is the control signal that enables the
data lines; it is the function that allows multiple AD7609
devices to share the same parallel data bus. The CS signal can
be permanently tied low, and the RD signal can be used to
access the conversion results, as shown in Figure 4. A read
operation of new data can take place after the BUSY signal
goes low (Figure 2), or, alternatively, a read operation of data
from the previous conversion process can take place while
BUSY is high (Figure 3).
The RD pin is used to read data from the output conversion
results register. Two RD pulses are required to read the full
18-bit conversion result from each channel. Applying a
sequence of 16 RD pulses to the AD7609 RD pin clocks the
conversion results out from each channel onto the parallel
output bus, DB[15:0], in ascending order. The first RD falling
edge after BUSY goes low clocks out DB[17:2] of the V1 result,
the next RD falling edge updates the bus with DB[1:0] of the V1
result. It takes 16 RD pulses to read the eight 18-bit conversion
results from the AD7609. The 16th falling edge of RD clocks out
the DB[1:0] conversion result for Channel V8. When the RD
signal is logic low, it enables the data conversion result from
each channel to be transferred to the digital host (DSP, FPGA).
When there is only one AD7609 in a system/board and it
does not share the parallel bus, data can be read using only one
control signal from the digital host. The CS and RD signals
can be tied together, as shown in Figure 5. In this case, the data
bus comes out of three-state on the falling edge of CS/RD. The
combined CS and RD signal allows the data to be clocked out
of the AD7609 and to be read by the digital host. In this case,
CS is used to frame the data transfer of each data channel and
16 CS pulses are required to read the eight channels of data.
AD7609
14
BUSY
12
RD
33:16
DB[15:0]
13
CS
DIGITAL
HOST
INTERRUPT
Figure 43. AD7609 Interface Diagram: One AD7609 Using the Parallel Bus; CS
and RD Shorted Together
SERIAL INTERFACE (PAR/SER SEL = 1)
To read data back from the AD7609 over the serial interface,
the PAR/SER SEL pin should be tied high. The CS and SCLK
signals are used to transfer data from the AD7609. The AD7609
has two serial data output pins, DOUTA and DOUTB. Data can be
read back from the AD7609 using one or both of these DOUT
lines. For the AD7609, conversion results from Channel V1 to
Channel V4 first appear on DOUTA, whereas conversion results
from Channel V5 to Channel V8 first appear on DOUTB.
The CS falling edge takes the data output lines (DOUTA and
DOUTB) out of three-state and clocks out the MSB of the conver-
sion result. The rising edge of SCLK clocks all subsequent data
bits onto the serial data outputs, DOUTA and DOUTB. The CS
input can be held low for the entire serial read or it can be
pulsed to frame each channel read of 18 SCLK cycles.
Figure 44 shows a read of eight simultaneous conversion results
using two DOUT lines on the AD7609. In this case, a 72 SCLK
transfer is used to access data from the AD7609 and CS is held
low to frame the entire 72 SCLK cycles. Data can also be clocked
out using only one DOUT line, in which case DOUTA is recom-
mended to access all conversion data, because the channel data
is output in ascending order. For the AD7609 to access all eight
conversion results on one DOUT line, a total of 144 SCLK cycles
are required. These 144 SCLK cycles can be framed by one CS
signal or each group of 18 SCLK cycles can be individually
framed by the CS signal. The disadvantage of using only one
DOUT line is that the throughput rate is reduced if reading after
conversion. The unused DOUT line should be left unconnected
in serial mode. For the AD7609, if DOUTB is to be used as a
single DOUT line, the channel results are output in the following
order: V5, V6, V7, V8, V1, V2, V3, V4; however, the FRSTDATA
indicator returns low after V5 is read on DOUTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com