Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 7 Page - Analog Devices

Part # AD621
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD621 Datasheet HTML 3Page - Analog Devices AD621 Datasheet HTML 4Page - Analog Devices AD621 Datasheet HTML 5Page - Analog Devices AD621 Datasheet HTML 6Page - Analog Devices AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8428
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15
V, VREF = 0 V, RL = 10 kΩ, unless otherwise noted.
1200
1000
800
600
400
200
0
–40
–20
40
20
0
VOSI (µV)
N = 5170
MEAN = 2.12
SD = 7.332
Figure 3. Typical Distribution of Input Offset Voltage, VS = ±5 V
1400
1200
1000
800
600
400
200
0
–40
–20
40
20
0
VOSI (µV)
N = +5169
MEAN = –2.57
SD = +7.31066
Figure 4. Typical Distribution of Input Offset Voltage, VS = ±15 V
1400
1200
1000
800
600
400
200
0
–3
–2
–1
3
12
0
VOSI DRIFT (µV)
N = 5166
MEAN = 0.398
SD = 0.42707
Figure 5. Typical Distribution of Input Offset Voltage Drift
1600
1400
1200
1000
800
600
400
200
0
–60
–40
–20
40
20
0
IBIAS (nA)
NONINVERTING IBIAS
INVERTING IBIAS
N = +5171
MEAN = –10.8
SD = +6.67496
N = +5171
MEAN = –10.2
SD = +6.52901
Figure 6. Typical Distribution of Input Bias Current
1000
800
600
400
200
0
–8
–6
–4
6
04
2
–2
IBIAS OFFSET (nA)
N = +5171
MEAN = –0.53
SD = +1.41655
Figure 7. Typical Distribution of Input Bias Current Offset
1200
1000
800
600
400
200
0
–600
–400
200
400
0
–200
GAIN ERROR (µV/V)
N = +3487
MEAN = –53.9
SD = +86.7774
Figure 8. Typical Distribution of Gain Error, Gain = 2000,
VS = ±15 V, RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com