Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8684 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8684
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8684 Datasheet(HTML) 2 Page - Analog Devices

  AD8684 Datasheet HTML 1Page - Analog Devices AD8684 Datasheet HTML 2Page - Analog Devices AD8684 Datasheet HTML 3Page - Analog Devices AD8684 Datasheet HTML 4Page - Analog Devices AD8684 Datasheet HTML 5Page - Analog Devices AD8684 Datasheet HTML 6Page - Analog Devices AD8684 Datasheet HTML 7Page - Analog Devices AD8684 Datasheet HTML 8Page - Analog Devices AD8684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4096-2
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Specifications, VSY = ±1.5 V....................................... 3
 
Electrical Specifications, VSY = ±5 V.......................................... 4
 
Electrical Specifications, VSY = ±15 V........................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Typical Performance Characteristics ............................................. 8
 
±1.5 V Characteristics ..................................................................8
 
±5 V Characteristics................................................................... 10
 
±15 V Characteristics ................................................................ 12
 
Comparative Voltage and Variable Voltage Graphs............... 14
 
Theory of Operation ...................................................................... 15
 
Input Stage................................................................................... 15
 
Phase Inversion........................................................................... 15
 
Input Overvoltage Protection ................................................... 16
 
Comparator Operation.............................................................. 17
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide .......................................................................... 19
 
Automotive Products ................................................................. 19
 
REVISION HISTORY
3/12—Rev. 0 to Rev. A
Changed −3 dB Closed-Loop Bandwidth from 97 kHz to
970 kHz(Table 2)............................................................................... 3
Changed −3 dB Closed-Loop Bandwidth from 114 kHz to
1140 kHz (Table 3)............................................................................ 4
Changed to −3 dB Closed-Loop Bandwidth from 152 kHz to
1520 kHz (Table 4)............................................................................ 5
Updated Outline Dimensions ....................................................... 18
7/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com