Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8628
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8628 Datasheet HTML 9Page - Analog Devices AD8628 Datasheet HTML 10Page - Analog Devices AD8628 Datasheet HTML 11Page - Analog Devices AD8628 Datasheet HTML 12Page - Analog Devices AD8628 Datasheet HTML 13Page - Analog Devices AD8628 Datasheet HTML 14Page - Analog Devices AD8628 Datasheet HTML 15Page - Analog Devices AD8628 Datasheet HTML 16Page - Analog Devices AD8628 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADA4638-1
Rev. 0 | Page 13 of 24
0
10
20
30
40
50
60
70
80
1
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±2.5V
VIN = 100mV p-p
AV = +1
RL =10kΩ
Figure 39. Small Signal Overshoot vs. Load Capacitance
–1
0
1
2
3
–0.2
–0.1
0
0.1
TIME (10µs/DIV)
VSY =±2.5V
AV = –100
VIN =100mV p-p
RL =10kΩ
CL =100pF
Figure 40. Positive Overload Recovery
–3
–2
–1
0
1
–0.1
0
0.1
0.2
TIME (10µs/DIV)
VSY = ±2.5V
AV = –100
VIN =100mV p-p
RL =10kΩ
CL =100pF
Figure 41. Negative Overload Recovery
0
10
20
30
40
50
60
70
80
1
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±15V
VIN =100mV p-p
AV = +1
RL =10kΩ
Figure 42. Small Signal Overshoot vs. Load Capacitance
–5
0
5
10
15
20
–1.0
–0.5
0
0.5
TIME (10µs/DIV)
VSY =±15V
AV = –100
VIN =500mV p-p
RL =10kΩ
CL =100pF
Figure 43. Positive Overload Recovery
–20
–15
–10
–5
0
5
–0.5
0
0.5
1.0
TIME (10µs/DIV)
VSY = ±15V
AV = –100
VIN =500mV p-p
RL =10kΩ
CL =100pF
Figure 44. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com