Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8426 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8426
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8426 Datasheet HTML 9Page - Analog Devices AD8426 Datasheet HTML 10Page - Analog Devices AD8426 Datasheet HTML 11Page - Analog Devices AD8426 Datasheet HTML 12Page - Analog Devices AD8426 Datasheet HTML 13Page - Analog Devices AD8426 Datasheet HTML 14Page - Analog Devices AD8426 Datasheet HTML 15Page - Analog Devices AD8426 Datasheet HTML 16Page - Analog Devices AD8426 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8428
Rev. 0 | Page 13 of 20
THEORY OF OPERATION
A3
A1
A2
Q2
Q1
C1
C2
+IN
–IN
–RG
REF
OUT
NODE 1
NODE 2
II
+RG
R2
3kΩ
R1
3kΩ
30.15Ω
+VS
VB
–VS
+VS
+VS
+VS
+VS
–VS
–VS
–VS
+VS
–VS
–VS
4
2
3
1
7
6
IB
COMPENSATION
IB
COMPENSATION
R3
6kΩ
R5
6kΩ
R4
6kΩ
R6
6kΩ
–FIL
+FIL
120kΩ
R7
120kΩ
R8
RG
Figure 37. Simplified Schematic
ARCHITECTURE
The AD8428 is based on the classic 3-op-amp topology. This
topology has two stages: a gain stage (preamplifier) to provide
differential amplification by a factor of 200, followed by a differ-
ence amplifier stage to remove the common-mode voltage and
provide additional amplification by a factor of 10. Figure 37
shows a simplified schematic of the AD8428.
The first stage works as follows. To keep its two inputs matched,
Amplifier A1 must keep the collector of Q1 at a constant voltage.
It does this by forcing −RG to be a precise diode drop from −IN.
Similarly, A2 forces +RG to be a constant diode drop from +IN.
Therefore, a replica of the differential input voltage is placed across
the gain setting resistor, RG. The current that flows across this
resistance must also flow through the R1 and R2 resistors, creat-
ing a gained differential signal between the A2 and A1 outputs.
The second stage is a G = 10 difference amplifier, composed of
Amplifier A3 and Resistors R3 through R8. This stage removes
the common-mode signal from the amplified differential signal.
The transfer function of the AD8428 is
VOUT = 2000 × (VIN+ − VIN−) + VREF
FILTER TERMINALS
The −FIL and +FIL terminals allow access between R3 and R4,
and between R5 and R6, respectively. Adding a filter between
these two terminals modifies the signal gain vs. frequency before
it reaches the second amplifier stage.
REFERENCE TERMINAL
The output voltage of the AD8428 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal must be offset to a precise midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8428 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS.
For best performance, the source impedance to the REF
terminal should be kept well below 1 Ω. As shown in Figure 37,
the reference terminal, REF, is at one end of a 120 kΩ resistor.
Additional impedance at the REF terminal adds to this 120 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be calculated as follows:
2 × (120 kΩ + RREF)/(240 kΩ + RREF)
Only the positive signal path is amplified; the negative path is
unaffected. This uneven amplification degrades the CMRR of
the amplifier.
INCORRECT
V
CORRECT
AD8428
OP1177
+
–
V
REF
AD8428
REF
Figure 38. Driving the Reference Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com