Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 9Page - Analog Devices ADL5243 Datasheet HTML 10Page - Analog Devices ADL5243 Datasheet HTML 11Page - Analog Devices ADL5243 Datasheet HTML 12Page - Analog Devices ADL5243 Datasheet HTML 13Page - Analog Devices ADL5243 Datasheet HTML 14Page - Analog Devices ADL5243 Datasheet HTML 15Page - Analog Devices ADL5243 Datasheet HTML 16Page - Analog Devices ADL5243 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADL5243
Rev. A | Page 13 of 32
0
5
10
15
20
25
30
35
40
45
2.11
2.12
2.13
2.14
2.15
2.16
2.17
FREQUENCY (GHz)
P1dB
OIP3
GAIN
NF
Figure 15. AMP2–2140 MHz: Gain, P1dB, OIP3 at POUT = 5 dBm/Tone and
Noise Figure vs. Frequency
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
–40°C
+25°C
+85°C
2.11
2.12
2.13
2.14
2.15
2.16
2.17
FREQUENCY (GHz)
Figure 16. AMP2–2140 MHz: Gain vs. Frequency and Temperature
–30
–25
–20
–15
–10
–5
0
FREQUENCY (GHz)
2.00
2.05
2.10
2.15
2.20
2.25
2.30
S12
S11
S22
Figure 17. AMP2–2140 MHz: Input Return Loss (S11), Output Return Loss
(S22), and Reverse Isolation (S12) vs. Frequency
31
33
35
37
39
41
43
25.0
25.5
26.0
26.5
27.0
27.5
28.0
–40°C
+25°C
+85°C
2.11
2.12
2.13
2.14
2.15
2.16
2.17
FREQUENCY (GHz)
Figure 18. AMP2–2140 MHz: OIP3 at POUT = 5 dBm/Tone and P1dB vs.
Frequency and Temperature
34
35
36
37
38
39
40
41
42
–6 –4 –2
0
2
4
6
8
10 12 14 16 18 20 22
POUT PER TONE (dBm)
2.11GHz
2.14GHz
2.17GHz
Figure 19. AMP2–2140 MHz: OIP3 vs. POUT and Frequency
2.0
2.5
3.0
3.5
4.0
4.5
5.5
5.0
2.00
2.30
2.27
2.24
2.21
2.18
2.15
2.12
2.09
2.06
2.03
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 20. AMP2–2140 MHz: Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com