Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT1007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT1007
Description  Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1007 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT1007 Datasheet HTML 1Page - Vishay Siliconix TCLT1007 Datasheet HTML 2Page - Vishay Siliconix TCLT1007 Datasheet HTML 3Page - Vishay Siliconix TCLT1007 Datasheet HTML 4Page - Vishay Siliconix TCLT1007 Datasheet HTML 5Page - Vishay Siliconix TCLT1007 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCLT100. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 29-Apr-11
1
Document Number: 83515
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output,
SOP-4L, Long Mini-Flat Package
DESCRIPTION
The TCLT100. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead SOP4L package.
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
FEATURES
• SMD low profile 4 lead package
•VIORM = 1050 V
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• DC input with transistor output
• Creepage distance > 8 mm
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
AGENCY APPROVALS
• UL1577, file no. E76222
• CSA (cUL) 22.2 bulletin 5A recognized file no. E-76222
• BSI: BS EN 41003, BS EN 60065 (BS 415), BS EN 60950
(BS 7002), certificate number 7081 and 7402
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
• FIMKO (SETI): EN 60950
Note
• See the safety standard approval list “Agency Table” for more
detailed information.
Note
• Available only on tape and reel.
C
E
AC
1
2
3
4
17295-5
ORDERING INFORMATION
T
C
L
T
1
00#
PART NUMBER
AGENCY
CERTIFIED/PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, VDE, BSI, FIMKO
50 to 600
63 to 125
100 to 200 160 to 320
50 to 150
100 to 300
80 to 160
130 to 260 200 to 400
SOP-4L
TCLT1000 TCLT1002 TCLT1003 TCLT1004 TCLT1005 TCLT1006 TCLT1007 TCLT1008 TCLT1009
10.2 mm
SOP-4L


Similar Part No. - TCLT1007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1007 VISHAY-TCLT1007 Datasheet
413Kb / 12P
Optocoupler with Phototransistor Output
19-Mar-01
TCLT1007 VISHAY-TCLT1007 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT1007 VISHAY-TCLT1007 Datasheet
344Kb / 12P
Optocoupler with Phototransistor Output
19-Mar-01
TCLT1007 VISHAY-TCLT1007 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
More results

Similar Description - TCLT1007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
09-Jan-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com