Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB32C Datasheet(PDF) 1 Page - Micro Electronics

Part # MSB32C
Description  RED LED LAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MSB32C Datasheet(HTML) 1 Page - Micro Electronics

  MSB32C Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSB32C
MSB32D
MSB32T
MSB32W
RED LED LAMPS
DESCRIPTION
MSB32 Series are red LED lamp with 3mm
diameter epoxy package.
MSB32C is red chip with red transparent lens.
MSB32D is red chip with red diffused lens.
MSB32T is red chip with clear transparent lens.
MSB32W is red chip with clear diffused lens.
All dimension in mm (inch)
No scale
ABSOLUTE MAXIMUM RATINGS
Tol. : +/- 0.3mm
Power Dissipation @ Ta=25
oC
45mW
Forward Current, DC (IF)
25mA
Reverse Voltage
5V
Operating Temperature Range
-20 to +80
oC
Storage Temperature Range
-30 to +100
oC
Lead Soldering Temperature (1/16" from body)
260
oC for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS (Ta=25
oC)
PARAMETER
SYMBOL
MSB32C
MSB32D
MSB32T
MSB32W
UNIT
CONDITIONS
Forward Voltage
MAX
VF
3.0
3.0
3.0
3.0
V
IF=20mA
Reverse Breakdown Voltage
MIN
BVR
5555
V
IR=100
μA
Luminous Intensity
MIN
IV
5
1.8
5
1.8
mcd
IF=10mA
TYP
7.5
2.5
7.5
2.5
mcd
IF=10mA
Peak Wavelength
TYP
λρ
700
700
700
700
nm
IF=20mA
Spectral Line Half Width
TYP
Δλ
100
100
100
100
nm
IF=20mA
Viewing Angle
TYP
2θ 1/2
30
50
30
50
degree
IF=10mA
Rev C
1.5(0.06)
2.5(0.1)
27.2
(1.07)
min.
2.94
(0.116)
5.32
(0.21)
1.02
(0.04)
3.85
(0.15)
0.5
(0.02)
Cathode
0.5
(0.02)
0.75(0.03)
max.


Similar Part No. - MSB32C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB32C MICRO-ELECTRONICS-MSB32C Datasheet
70Kb / 1P
RED LED LAMPS
MSB32C MICRO-ELECTRONICS-MSB32C Datasheet
70Kb / 1P
RED LED LAMPS
MSB32C MICRO-ELECTRONICS-MSB32C Datasheet
70Kb / 1P
RED LED LAMPS
MSB32CA MICRO-ELECTRONICS-MSB32CA Datasheet
45Kb / 1P
ULTRA HIGH BRIGHTNESS RED LED LAMP
MSB32CA MICRO-ELECTRONICS-MSB32CA Datasheet
50Kb / 1P
RED LED LAMPS
More results

Similar Description - MSB32C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MR51 MICRO-ELECTRONICS-MR51 Datasheet
45Kb / 1P
RED LED LAMPS
MRB31 MICRO-ELECTRONICS-MRB31 Datasheet
47Kb / 1P
RED LED LAMPS
MRB32 MICRO-ELECTRONICS-MRB32 Datasheet
47Kb / 1P
RED LED LAMPS
MRB52 MICRO-ELECTRONICS-MRB52 Datasheet
47Kb / 1P
RED LED LAMPS
MS31 MICRO-ELECTRONICS-MS31 Datasheet
47Kb / 1P
RED LED LAMPS
MS51XA MICRO-ELECTRONICS-MS51XA Datasheet
48Kb / 1P
RED LED LAMPS
MSB31 MICRO-ELECTRONICS-MSB31 Datasheet
47Kb / 1P
RED LED LAMPS
MSB32XA MICRO-ELECTRONICS-MSB32XA Datasheet
50Kb / 1P
RED LED LAMPS
MSB81W MICRO-ELECTRONICS-MSB81W Datasheet
49Kb / 1P
RED LED LAMPS
MSB32C MICRO-ELECTRONICS-MSB32C Datasheet
70Kb / 1P
RED LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com