Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet(PDF) 8 Page - Kemet Corporation

Part # R46
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 8 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
09/2008
157
Loose
Taped
Fig.1
Fig.2
Insulated rigid leads
Insulated flexible leads 0.5mm2
Ø d ±0.05
P= 22.5 to 27.5
p = 37.5
0.8
1
All dimensions are in mm.
GeneRAl TeCHniCAl dATA
dielectric: polypropylene film.
Plates: metal layer deposited by evaporation under vacuum.
Winding: non-inductive type.
leads: tinned wire.
Protection: plastic case, thermosetting resin filled.
Box material is solvent resistant and flame retardant according to
UL94 V0.
marking: Manufacturer’s logo, series, capacitance, tolerance,
rated voltage, capacitor class, dielectric code, climatic category,
passive flammability category, manufacturing date code, approvals,
manufacturing plant.
Climatic category: 40/110/56 IEC 60068-1
operating temperature range: -40 to +110°C
Related documents:
IEC 60384-14, EN 60384-14.
eleCTRiCAl CHARACTeRiSTiCS
Rated voltage (V
R):
275Vac (50/60Hz) / 560 Vdc
300Vac (50/60Hz) / 630 Vdc
Capacitance range:
0.22µF to 10µF
Capacitance values: E6 series (IEC 60063 Norm).
Capacitance tolerances (measured at 1 kHz):
±
10% (K); ±20% (M).
dissipation factor (dF):
tgδ 10-4 at +25°C ±5°C:
≤
10 (6)* at 1kHz*
Typical value
insulation resistance:
Test conditions
Temperature:
+25°C±5°C
Voltage charge time:
1 min
Voltage charge:
100 Vdc
Performance
≥
1x105 MΩ (5x105 MΩ )*
for C≤0.33µF
≥
30000 s (150000 s )*
for C>0.33µF
* Typical value
Test voltage between terminations (on all pieces):
R.46+R
Capacitors with discharge resistor
X2 CLASS (IEC 60384-14) - MKP Series
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
Typical applications: interference suppression and
«across-the-line» applications. Suitable for use in situations
where failure of the capacitor would not lead to danger of
electric shock.
PRoDUCT CoDE:
R46
Pitch Box thickness (B)
Maximum dimensions (mm)
(mm)
(mm)
B max
H max
L max
22.5
All
B +0.2
H +0.1
L +0.3
27.5
All
B +0.2
H +0.1
L +0.3
37.5
All
B +0.3
H +0.1
L +0.3
TeST meTHod And PeRFoRmAnCe
damp heat, steady state:
Test conditions 1st
Temperature:
+40°C ± 2°C
Relative humidity (RH):
93% ±2%
Test duration:
56 days
Performance
Dielectric strength:
no dielectric breakdown or
flashover at 4.3 x V
R (d.c.)/1 min
Capacitance change |∆C/C|: ≤5%
Insulation resistance:
≥
50% of initial limit.
endurance:
Test conditions
Temperature:
+110°C ± 2°C
Test duration:
1000 h
Voltage applied:
1.25 x V
R +1000Vac 0.1 s/h
Performance
Dielectric strength: no dielectric breakdown or
flashover at 4.3 x V
R (d.c.)/1 min
Capacitance change |∆C/C|: ≤10%
Insulation resistance:
≥
50% of initial limit.
Resistance to soldering heat:
Test conditions
Solder bath temperature: +260°C ± 5°C
Dipping time (with heat screen):10 s ± 1 s
Performance
Capacitance change |∆C/C|: ≤2%
APPRoVAlS
ENEC
IEC 60384-14
Class X2
File No.V4413
UL 1283
(310Vac-105°C)
Electromagnetic
Interference
Filters
File No.E85238
CSA - C22.2 No.8
(310Vac-105°C)
Electromagnetic
Interference
Filters certified
for Canada
File No.E85238
Approved according to IEC 60384-14
According to IEC 60065.
Not for use in series with the mains.
See www.kemet.com for more information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com