Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-802 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VT-802
Description  Temperature Compensated Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-802 Datasheet(HTML) 5 Page - Vectron International, Inc

  VT-802_12 Datasheet HTML 1Page - Vectron International, Inc VT-802_12 Datasheet HTML 2Page - Vectron International, Inc VT-802_12 Datasheet HTML 3Page - Vectron International, Inc VT-802_12 Datasheet HTML 4Page - Vectron International, Inc VT-802_12 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page5
Table 7. Standard Frequencies (MHz)
2.0481532881
10.000
12.800
14.7456
16.384
19.200
19.440
20.000
25.000
26.000
27.027.00000
32.000
40.000
50.000
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 01/02/2012
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
VI Shanghai
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.6081.2888
Fax: 86.21.6163.3598
VT-802- E A G - 256 0- xxMxxxxxxx
Product
TCXO
Voltage Options
E: +3.3 Vdc ±5%,
H: +2.5 Vdc ±5%
Output
A: CMOS
Stability
206: ±2.0ppm
256: ±2.5ppm
506: ±5.0ppm
105: ±10.0ppm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
J: -20/70°C
E: -40/85°C
Tuning
0: Fixed, No tuning
Package
5.0x3.2
Example: VT-802-EAE-2560-19M200000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com