Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT37Q70 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT37Q70
Description  4-Channel Music Synthesizer MCU
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37Q70 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT37Q70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 18Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 19Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 20Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 21Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 22Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 23Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 24Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
HT37Q70/60/50/40/30/20
Rev. 1.00
21
February 17, 2009
ROM Bank Pointer (2DH)
The program memory is organized into 32/24/16/12/8/4 banks for HT37Q70/60/50/40/30/20 and each bank into
8192
´16 bits of program ROM. BP1.7~BP1.0 is used as the bank pointer. After an instruction has been executed to
write data to the BP1 register to select a different bank, note that the new bank will not be selected immediately. It is until
the instruction
²JMP² or ²CALL² or interrupt has completed execution that the bank will be actually selected.
Register
Bit No.
Function
BP1 (2DH)
0~7
00000000b= Select ROM Bank0 (0000h~1FFFh)
00000001b= Select ROM Bank1 (2000h~3FFFh)
00000010b= Select ROM Bank2 (4000h~5FFFh)
00000011b= Select ROM Bank3 (6000h~7FFFh)
:
00011110b= Select ROM Bank30 (3C000h~3DFFFh)
00011111b= Select ROM Bank31 (3E000h~3FFFFh)
Note: For the HT37Q70/60, the ROM bank point register is 5 bits wide effectively, i.e. from b4~b0.
For the HT37Q50/40, the ROM bank point register is 4 bits wide effectively, i.e. from b3~b0.
For the HT37Q30, the ROM bank point register is 3 bits wide effectively, i.e. from b2~b0.
For the HT37Q20, the ROM bank point register is 2 bits wide effectively, i.e. from b1~b0.
RAM Data Memory
The RAM Data Memory is a volatile area of 8-bit wide
RAM internal memory and is the location where tempo-
rary information is stored. Divided into two sections, the
first of these is an area of RAM where special function
registers are located. These registers have fixed loca-
tions and are necessary for correct operation of the de-
vice.
Many of these registers can be read from and written to
directly under program control, however, some remain
protected from user manipulation. The second area of
RAM Data Memory is reserved for general purpose use.
All locations within this area are read and write accessi-
ble under program control.
Structure
The RAM Data Memory is subdivided into 2 banks,
known as Bank 0 and Bank 1, all of which are imple-
mented in 8-bit wide RAM. Most of the RAM Data Mem-
ory is located in Bank 0 which is also subdivided into two
sections, the Special Purpose Data Memory and the
General Purpose Data Memory. The start address of the
Data Memory is the address
²00H². Registers which are
common to all microcontrollers, such as ACC, PCL, etc.,
have the same Data Memory address. Bank 1 of the
RAM Data Memory is located at address
²60H².
The RAM data memory is designed with 320
´8 bits with
2 RAM banks. There are two RAM BANK pointers
(RBP1 and RBP2 ) control Bank 0~1 (RBP1.0/RBP2.0)
The data memory is designed with 256 bytes and di-
vided into five functional groups: special function regis-
ters (00H~1FH), music synthesis controller registers
(20H~2FH), ADPCM decoder controller register
(30H~35H), the other function (35H~5FH) and general
purpose data memory (60H~FFH).
They are also indirectly accessible through Memory
pointer registers MP0, MP1and MP2, where MP1/MP2
can deal with all banks of data memory but MP0 deal
with Bank0 data memory only.
RBP1 (04H) bit0 control MP1
RBP2 (2FH) bit0 control MP2
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. The bank 0
data memory areas can handle arithmetic, logic, incre-
ment, decrement and rotate operations directly. By us-
ing the
²SET [m].i² and ²CLR [m].i² instructions
individual bits can be set or reset under program control
giving the user a large range of flexibility for bit manipu-
lation in the Data Memory.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
5 F H
6 0 H
0 F F H
B a n k 0
B a n k 1
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 6 0 B y t e s )
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 6 0 B y t e s )
Bank 0~Bank 1 RAM Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com