Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT37Q40 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT37Q40
Description  4-Channel Music Synthesizer MCU
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37Q40 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT37Q40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT37Q40 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fOSC
Oscillator Clock
(Crystal OSC/RC OSC)
¾
2.4V~5.5V
8000
11059
12800
kHz
3.3V~5.5V
8000
11059
12800
3.6V~5.5V
8000
11059
12800
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1.00
2.00
ms
Note: tSYS= 1/fSYS
fSYS=fOSC/2
Characteristics Curves
HT37Q70/60/50/40/30/20
Rev. 1.00
13
February 17, 2009
R v s . F C h a r t
R ( k W )
4
6
8
1 0
1 2
1 4
1 6
8 2
9 1
1 0 0
1 1 5
1 2 0
1 5 0
1 8 0
3 . 0 V
4 . 5 V
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
2 . 6
2 . 8
3 . 0
3 . 2
3 . 4
3 . 6
3 . 8
4 . 0
4 . 2
4 . 4
4 . 6
4 . 8
5 . 0
5 . 2
V v s . F C h a r t ( F o r 3 . 0 V & 4 . 5 V )
V D D ( V )
2 . 4
1 1 . 0 5 9 M H z / 1 1 5 k W ( 3 V )
1 1 . 0 5 9 M H z / 1 0 0 k W ( 4 . 5 V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com