Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R94 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R94 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=32768Hz
2.2
¾
5.5
V
¾
fSYS=4MHz
2.2
¾
5.5
¾
fSYS=8MHz
3.3
¾
5.5
V
VAVDD
Analog Operating Voltage
¾
VAVDD=VDD
2.7
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz,
ADC disable
¾
12
mA
5V
¾
2.5
5
mA
IDD2
Operating Current
(RC OSC, RTC OSC)
5V
No load, fSYS=8MHz,
ADC disable
¾
48
mA
IDD3
Operating Current
(RTC* OSC, RC Off)
3V
No load,
fSYS=32768Hz,
ADC disable
¾
20
40
mA
5V
¾
50
100
mA
ISTB1
Standby Current
(WDT & RTC* Enabled)
3V
No load,
system HALT
¾
35
mA
5V
¾6
10
mA
ISTB2
Standby Current
(WDT Disabled, RTC* Enabled)
3V
No load,
system HALT
¾
12
mA
5V
¾
24
mA
ISTB3
Standby Current
(WDT Enabled & RTC* Disabled)
3V
No load,
system HALT
¾
24
mA
5V
¾
48
mA
ISTB4
Standby Current
(WDT & RTC* Disabled)
3V
No load,
system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB5
Standby Current with 200K (see
note 2) Resistor On for 1/2 VDD
Bias (WDT & RTC Disabled)
3V
No load,
system HALT
¾
30
50
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾¾
1.98
2.1
2.22
V
2.98
3.15
3.32
V
3.98
4.2
4.42
V
IOL1
I/O Port Sink Current for PA
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
HT46R94
Rev. 1.10
4
November 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com