Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT56RB688 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed to
their internal system architecture. The range of devices take advantage of the usual features found
within RISC microcontrollers providing increased speed of operation and enhanced performance. The
pipelining scheme is implemented in such a way that instruction fetching and instruction execution are
overlapped, hence instructions are effectively executed in one cycle, with the exception of branch or
call instructions. An 8-bit wide ALU is used in practically all instruction set operations, which carries
out arithmetic operations, logic operations, rotation, increment, decrement, branch decisions, etc. The
internal data path is simplified by moving data through the Accumulator and the ALU. Certain internal
registers are implemented in the Data Memory and can be directly or indirectly addressed. The simple
addressing methods of these registers along with additional architectural features ensure that a
minimum of external components is required to provide a functional I/O and A/D control system with
maximum reliability and flexibility. This makes the device suitable for low-cost, high-volume
production for controller applications.
Clocking and Pipelining
The main system clock, derived from either a Crystal/Resonator or RC oscillator is subdivided into
four internally generated non-overlapping clocks, T1~T4. The Program Counter is incremented at the
beginning of the T1 clock during which time a new instruction is fetched. The remaining T2~T4
clocks carry out the decoding and execution functions. In this way, one T1~T4 clock cycle forms one
instruction cycle. Although the fetching and execution of instructions takes place in consecutive
instruction cycles, the pipelining structure of the microcontrollers ensures that instructions are
effectively executed in one instruction cycle. The exception to this are instructions where the contents
of the Program Counter are changed, such as subroutine calls or jumps, in which case the instruction
will take one more instruction cycle to execute.
When the external RC oscillator is used, OSC2 is free for use as a nomral I/O pin.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.00
21
December 2, 2011
F e t c h I n s t . ( P C )
E x e c u t e I n s t . ( P C - 1 )
F e t c h I n s t . ( P C + 1 )
E x e c u t e I n s t . ( P C )
F e t c h I n s t . ( P C + 2 )
E x e c u t e I n s t . ( P C + 1 )
P C
P C + 1
P C + 2
O s c i l l a t o r C l o c k
( S y s t e m C l o c k )
P h a s e C l o c k T 1
P r o g r a m C o u n t e r
P h a s e C l o c k T 2
P h a s e C l o c k T 3
P h a s e C l o c k T 4
P i p e l i n i n g
System Clocking and Pipelining
F e t c h I n s t . 1
E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6
D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6
E x e c u t e I n s t . 6
F e t c h I n s t . 7
Instruction Fetching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com