Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83B60 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Rev. 1.00
�0
De�e��e� 1�� �011
Rev. 1.00
�1
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
20H
21H
22H
23H
24H
25H
26H
27H
28H
29H
2A H
2B H
2C H
2D H
2E H
2F H
30H
FF H
: U nus ed ,
re ad as " 00 "
IA R0
M P0
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC
TM R0
TM R0 C
TM R1
TM R1 C
PA
PA C
PB
PB C
PC
PC C
IN TC H
SI M C0 B
SI M C1 B
SI M DR B
SI M AR B/ SI M C2 B
DA L
DA H
PW M C
PW M L
PW M H
VO L
SI M C0 A
SI M C1 A
SI M DR A
SI M AR A/ SI M C2 A
PC PH C
Us er D at a RA M
Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com