Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16528 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 40Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
PackageInformation
144-pin LQFP (20mm
´20mm)OutlineDimensions
Symbol
Dimensionsininch
Min.
Nom.
Max.
A
0.862
¾
0.870
B
0.783
¾
0.791
C
0.862
¾
0.870
D
0.783
¾
0.791
E
¾
0.020
¾
F
¾
0.008
¾
G
0.053
¾
0.057
H
¾
¾
0.063
I
¾
0.004
¾
J
0.018
¾
0.030
K
0.004
¾
0.008
a
0
°
¾
7
°
Symbol
Dimensionsinmm
Min.
Nom.
Max.
A
21.90
¾
22.10
B
19.90
¾
20.10
C
21.90
¾
22.10
D
19.90
¾
20.10
E
¾
0.50
¾
F
¾
0.20
¾
G
1.35
¾
1.45
H
¾
¾
1.60
I
¾
0.10
¾
J
0.45
¾
0.75
K
0.10
¾
0.20
a
0
°
¾
7
°
HT16528
Rev.1.10
39
July5,2011
1
1 4 4
3 6
1 0 9
A B
1 0 8
7 3
C
D
3 7
7 2
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com