Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83010 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT83010
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83010 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT83010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
HT83XXX
Rev. 1.60
14
November 19, 2008
WS7
WS6
WS5
WS4
WS3
WS2
WS1
WS0
Division Ratio
¾¾¾¾¾
000
1:1
¾¾¾¾¾
001
1:2
¾¾¾¾¾
010
1:4
¾¾¾¾¾
011
1:8
¾¾¾¾¾
1
0
0
1:16
¾¾¾¾¾
1
0
1
1:32
¾¾¾¾¾
1
1
0
1:64
¾¾¾¾¾
1
1
1
1:128
WDTS (09H) Register
Interrupt Source
Priority
Vector
Time Base Interrupt
1
04H
Timer Counter 0 Overflow
2
08H
Timer Counter 1 Overflow
3
0CH
Oscillator Configuration
The HT83XXX provides two oscillator circuits for system
clock, i.e., RC oscillator and Crystal oscillator. No matter
what type of oscillator.. The signal is used for the system
clock. The HALT mode stops the system oscillator to
conserve power. If the RC oscillator is used, an external
resistor between OSC1 and VSS is required, and the
range of the resistance should be from 144k
W to 275kW.
The system clock, divided by 4. The RC oscillator pro-
vides the most cost effective solution. However, the fre-
quency of the oscillation may vary with VDD,
temperature, and the chip itself due to process varia-
tions. It is therefore not suitable for timing sensitive op-
erations where accurate oscillator frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4), decided by mask options. This
timer is designed to prevent a software malfunction or
sequence jumping to an unknown location with unpre-
dictable results. The Watchdog Timer can be disabled
by mask option. If the Watchdog Timer is disabled, all
the executions related to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator with pe-
riod 78
ms normally) is selected, it is first divided by 256
(8-stages) to get the nominal time-out period of approxi-
mately 20ms. This time-out period may vary with tem-
perature, VDD and process variations. By invoking the
WDT prescaler, longer time-out period can be realized.
Writing data to WS2, WS1, WS0 (bit 2,1,0 of
WDTS(09H)) can give different time-out period.
If WS2, WS1, WS0 all equal to 1, the division ratio is up to
1:128, and the maximum time-out period is 2.6 seconds.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². Whereas in
the HALT mode, the overflow will initialize a
²warm re -
set
² only the Program Counter and SP are reset to zero.
To clear the contents of the WDT (including the WDT
prescaler), three methods are adopted; external reset
(external reset (a low level to RES), software instruc-
tions, or a
²HALT² instruction. The software instruction
is
²CLR WDT² and execution of the ²CLR WDT² instruc-
tion will clear the WDT.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 4
O S C 1
V D D
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com