Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83020 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT83020
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83020 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT83020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
HT83050/HT83074
Pad No.
X
Y
Pad No.
X
Y
1
-940.400
7.150
12
-654.200
-887.900
2
-940.400
-87.850
13
-551.200
-887.900
3
-940.400
-190.850
14
940.400
-871.200
4
-940.400
-285.850
15
940.400
-776.200
5
-940.400
-388.850
16
940.600
-668.500
6
-940.400
-483.850
17
940.600
-573.000
7
-940.400
-586.850
18
896.250
-463.250
8
-940.400
-681.850
19
904.900
-363.250
9
-947.200
-887.900
20
904.900
-243.700
10
-852.200
-887.900
21
904.900
-33.200
11
-749.200
-887.900
Pad Description
Pad Name
I/O
Mask Option
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port. Each bit can be configured as a wake-up input by
mask option. Software instructions determine the CMOS output or Schmitt trig-
ger input with or without pull-high resistor (mask option).
PB0~PB3
I/O
Pull-high
or None
Bidirectional 4-bit I/O port. Software instructions determine the CMOS output or
Schmitt trigger input (pull-high resistor depending on mask option).
VSS
¾¾
Negative power supply, ground
VSSP
¾¾
PWM negative power supply, ground
VDD
¾¾
Positive power supply
VDDP
¾¾
PWM positive power supply, ground
RES
I
¾
Schmitt trigger reset input, active low
OSC1,
OSC2
¾
RC or Crystal
OSC1 and OSC2 are connected to an RC network or crystal (by mask option)
for the internal system clock. In the case of RC operation, OSC2 is the output
terminal for 1/4 system clock. The system clock may came form the crystal, the
two pins cannot be floating.
PWM1,
PWM2
O
¾
PWM output for driving a external transistor or speaker
Absolute Maximum Ratings
Supply Voltage ..........................VSS+2.4V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT83XXX
Rev. 1.60
5
November 19, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com