Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP1710-R Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBP1710-R
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBP1710-R Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBP1710-R Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP1710-R Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP1710-R Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP1710-R Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP1710-R Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP1710-R Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SB
SB
SB
SBP1710-R
P1710-R
P1710-R
P1710-R
Rev.A01 Jun.2011
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
High Voltage Fast-Switching NPN Power Transistor
Features
■ Very high switching speed
■ High Voltage Capability
■ Wide Reverse Bias SOA
General Description
This Device is designed for high voltage, High speed
switching
characteristics required such as
lighting
system, switching mode power supply.
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Units
VCBO
Collect-Emitter Voltage
VBE=0
900
V
VCEO
Collector-Emitter Voltage
IB=0
500
V
VEBO
Emitter-Base Voltage
IC=0
7
V
IC
Collector Current
7
A
ICP
Collector pulse Current
(Note)
14
A
PC
Total Dissipation at Tc=25℃
45
W
TJ
Operation Junction Temperature
150
℃
TSTG
Storage Temperature
-55~150
℃
T111-3


Similar Part No. - SBP1710-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBP10-20T ETC-SBP10-20T Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
SBP10-30T ETC-SBP10-30T Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
SBP10-35T ETC-SBP10-35T Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
SBP10-40T ETC-SBP10-40T Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
SBP10-45T ETC-SBP10-45T Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SBP1710-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com